Part Number Hot Search : 
MAH16045 1205100K MAX9990 7808A 045CT CD3821 CQ208B 1209S
Product Description
Full Text Search
 

To Download 2BZX84C13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2bzx84c3v0 ... 2bzx84c47 (300 mw) 2bzx84c3v0 ... 2bzx84c47 (300 mw) surface mount silicon planar dual zener diodes silizium-planar-zener-doppel-dioden fr die oberfl?chenmontage version 2015-05-13 dimensions - ma?e [mm] 1 = c1 2 = c2 3 = a1/2 maximum power dissipation maximale verlustleistung 300 mw nominal z-voltage C nominale z-spannung 3.0...47 v plastic case kunststoffgeh?use sot-23 (to-236) weight approx. C gewicht ca. 0.01 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle standard zener voltage tolerance is graded to the international e 24 (~ 5%) standard. other voltage tolerances and higher zener voltages on request. die toleranz der zener-spannung ist in der standard-ausfhrung gestuft nach der internationalen reihe e 24 (~ 5%). andere toleranzen oder h?here arbeitsspannungen auf anfrage. maximum ratings and characteristics grenz- und kennwerte power dissipation C verlustleistung t a = 25c p tot 300 mw 1 ) junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 420 k/w 1 ) zener voltages see table on next page C zener-spannungen siehe tabelle auf der n?chsten seite pinning anschlussbelegung 1 = c1 2 = c2 3 = a1/a2 1 mounted on p.c. board with 3 mm 2 copper pads at each terminal montage auf leiterplatte mit 3 mm2 kupferbelag (l?tpad) an jedem anschluss ? diotec semiconductor ag http://www.diotec.com/ 1 2 1 3 0 2 3 4 5 6 7 8 10 [v] v z [ma] 5 15 0 10 i z zener voltage vs. zener current abbruchspannung ber zenerstrom C 3,0 3,3 3,6 3,9 4,3 4,7 5,1 5,6 6,2 6,8 7,5 8,2 9,1 10 i = 5 ma z 2 . 4 1 . 3 0 . 1 1.1 +0.1 0.4 +0.1 2.9 0.1 1 2 3 type code 1.9 0.1 -0.05 -0.2 0 . 2
2bzx84c3v0 ... 2bzx84c47 (300 mw) maximum ratings and characteristics (t j = 25c unless otherwise specified) grenz- und kennwerte (t j = 25c wenn nicht anders spezifiziert) type typ code kodierung zener voltage 1 ) zener-spanng. 1 ) i z = 5 ma dynamic resistance inh?r. diff. widerstand r zj [?] at f = 1 khz temp. coeffic. of z-voltage der z-spanng. reverse voltage perrspannung v r at/bei i r z-current 2 ) z-strom 2 ) t a = 50c 2bzx84... or/oder v zmin [v] v zmax [v] i z = 5 ma i z = 1 ma vz [10 -4 /c] v r [v] i r [a] i zmax [ma] ...c3v0 d3.0/mr 2.8 3.2 < 85 < 600 -8...-5 1 10 94 ...c3v3 d3.3/mx 3.1 3.5 < 85 < 600 -8...-5 1 5 86 ...c3v6 d3.6/my 3.4 3.8 < 85 < 600 -8...-5 1 5 79 ...c3v9 d3.9/mz 3.7 4.1 < 85 < 600 -8...-5 1 3 73 ...c4v3 d4.3/na 4.0 4.6 < 80 < 600 -7...-4 1 3 65 ...c4v7 d4.7/nb 4.4 5.0 < 80 < 500 -5...-2 2 3 60 ...c5v1 d5.1/nc 4.8 5.4 < 60 < 480 -2...+2 2 2 56 ...c5v6 d5.6/nd 5.2 6.0 < 40 < 400 -1...+4 2 1 50 ...c6v2 d6.2/ne 5.8 6.6 < 10 < 150 +2...+5 4 3 45 ...c6v8 d6.8/nf 6.4 7.2 < 15 < 80 +3...+6 4 2 42 ...c7v5 d7.5/nh 7.0 7.9 < 15 < 80 +3...+6 5 1 38 ...c8v2 d8.2/nj 7.7 8.7 < 15 < 80 +4...+7 5 0.7 34 ...c9v1 d9.1/nk 8.5 9.6 < 15 < 100 +4...+7 6 0.5 31 ...c10 d10/nm 9.4 10.6 < 20 < 150 +5...+8 7 0.2 28 ...c11 d11/nn 10.4 11.6 < 20 < 150 +5...+8 8 0.1 26 ...c12 d12/np 11.4 12.7 < 25 < 150 +5...+8 8 0.1 24 ...c13 d13/nx 12.4 14.1 < 30 < 170 +6...+9 8 0.1 21 ...c15 d15/ny 13.8 15.6 < 30 < 200 +6...+9 10.5 0.05 19 ...c16 d16/nz 15.3 17.1 < 40 < 200 +6...+9 11.2 0.05 18 ...c18 d18/pa 16.8 19.1 < 45 < 225 +6...+9 12.6 0.05 16 ...c20 d20/pb 18.8 21.2 < 55 < 225 +6...+9 14.0 0.05 14 ...c22 d22/pc 20.8 23.3 < 55 < 250 +7...+10 15.4 0.05 13 ...c24 d24/pd 22.8 25.6 < 70 < 250 +7...+10 16.8 0.05 12 i z = 2 ma 2 ma 2 ma 0.5 ma ...c27 d27/pe 25.1 28.9 < 80 < 300 +7...+10 18.9 0.05 10 ...c30 d30/pf 28 32 < 80 < 300 +7...+10 21.0 0.05 9 ...c33 d33/ph 31 35 < 80 < 325 +7...+10 23.1 0.05 9 ...c36 d36/pj 34 38 < 90 < 350 +7...+10 25.1 0.05 8 ...c39 d39/pm 37 41 < 130 < 350 +7...+10 27.3 0.05 7 ...c43 d42/pn 40 46 < 150 < 375 +7...+10 30.1 0.05 7 ...c47 d47/pp 44 50 < 170 < 375 +7...+10 32.9 0.05 6 1 tested with pulses t p = 5 ms C gemessen mit impulsen t p = 5 ms 2 mounted on p.c. board with 3 mm 2 copper pads at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag


▲Up To Search▲   

 
Price & Availability of 2BZX84C13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X